Part Number Hot Search : 
1100T LH2108A 3D6701 F1001 ER300 40FD0 2587P908 D5N50
Product Description
Full Text Search
 

To Download BAT54-V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAT54-V/54A-V/54C-V/54S-V
Vishay Semiconductors
Small Signal Schottky Diodes, Single & Dual
Features
* These diodes feature very low turn-on voltage and fast switching * These devices are protected by a PN e3 junction guard ring against excessive voltage, such as electrostatic discharges * Lead (Pb)-free component * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
BAT54-V
3
BAT54A-V
3
Top View
1 2
Mechanical Data
Case: SOT23 Plastic case Weight: approx. 8.8 mg Packaging Codes/Options: GS18/10 k per 13" reel (8 mm tape), 10 k/box GS08/3 k per 7" reel (8 mm tape), 15 k/box
1
2
BAT54C-V
3
BAT54S-V
3
Top View
1
18034
2
1
2
Parts Table
Part BAT54-V BAT54A-V BAT54C-V BAT54S-V Ordering code BAT54-V-GS18 or BAT54-V-GS08 BAT54A-V-GS18 or BAT54A-V-GS08 BAT54C-V-GS18 or BAT54C-V-GS08 BAT54S-V-GS18 or BAT54S-V-GS08 Type Marking L4 L42 L43 L44 Remarks Tape and Reel Tape and Reel Tape and Reel Tape and Reel
Absolute Maximum Ratings
Tamb = 25 C, unless otherwise specified Parameter Repetitive peak reverse voltage Forward continuous current Repetitive peak forward current Surge forward current current Power dissipation
1)
Test condition
Symbol VRRM IF IFRM
Value 30 200 300 600
1) 1) 1)
Unit V mA mA mA mW
tp < 1 s
IFSM Ptot
230
Device on fiberglass substrate, see layout on next page.
Document Number 85508 Rev. 1.7, 16-Oct-06
www.vishay.com 1
BAT54-V/54A-V/54C-V/54S-V
Vishay Semiconductors Thermal Characteristics
Tamb = 25 C, unless otherwise specified Parameter Thermal resistance junction to ambiant air Junction temperature Storage temperature range
1)
Test condition
Symbol RthJA Tj Tstg
Value 4301) 125 - 65 to + 150
Unit K/W C C
Device on fiberglass substrate, see layout on next page.
Electrical Characteristics
Tamb = 25 C, unless otherwise specified Parameter Reverse Breakdown voltage Leakage current Forward voltage Test condition IR = 100 A (pulsed) Pulse test tp < 300 s, < 2 % at VR = 25 V IF = 0.1 mA, tp < 300 s, < 2 % IF = 1 mA, tp < 300 s, < 2 % IF = 10 mA, tp < 300 s, < 2 % IF = 30 mA, tp < 300 s, < 2 % IF = 100 mA, tp < 300 s, < 2 % Diode capacitance Reverse recovery time VR = 1 V, f = 1 MHz IF = 10 mA to IR = 10 mA, iR = 1 mA, RL = 100 Symbol V(BR) IR VF VF VF VF VF CD trr Min 30 2 240 320 400 500 800 10 5 Typ. Max Unit V A mV mV mV mV mV pF ns
Layout for RthJA test
Thickness: Fiberglass 1.5 mm (0.059 in.) Copper leads 0.3 mm (0.012 in.)
7.5 (0.3) 3 (0.12)
1 (0.4) 12 (0.47) 15 (0.59) 0.8 (0.03)
2 (0.8) 1 (0.4) 2 (0.8)
5 (0.2)
1.5 (0.06) 5.1 (0.2)
17451
www.vishay.com 2
Document Number 85508 Rev. 1.7, 16-Oct-06
BAT54-V/54A-V/54C-V/54S-V
Vishay Semiconductors Typical Characteristics
Tamb = 25 C, unless otherwise specified
1000
I F - Forward Voltage (mA)
100 10 1 0.1 0.01 0
T j = 125 C - 40 C
25 C
0.2
18867
1.2 0.4 0.6 0.8 1 VF - Forward Current (V)
1.4
Figure 1. Typical Forward Voltage Forward Current at Various Temperatures
14 C D - Typical Capacitance (pF) 12 10 8 6 4 2 0
18868
0
4
8 12 16 20 24 VR - Reverse Voltage (V)
28
Figure 2. Diode Capacitance vs. Reverse Voltage VR
1000 T j = 125 C
I R - Reverse Current (A)
100 10 1
100 C 75 C 50 C
25 C 0.1 0.01 0 5
18869
10 15 20 25 VR - Reverse Voltage (V)
30
Figure 3. Typical Variation of Reverse Current at Various Temperatures
Document Number 85508 Rev. 1.7, 16-Oct-06
www.vishay.com 3
BAT54-V/54A-V/54C-V/54S-V
Vishay Semiconductors Package Dimensions in mm (Inches): SOT23
17418
www.vishay.com 4
Document Number 85508 Rev. 1.7, 16-Oct-06
BAT54-V/54A-V/54C-V/54S-V
Vishay Semiconductors Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
Document Number 85508 Rev. 1.7, 16-Oct-06
www.vishay.com 5
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of BAT54-V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X